Part Number Hot Search : 
TFS110W LM127 C18LF BP151 B2567 C18LF IRF3709Z MBR2545
Product Description
Full Text Search
 

To Download AMA2803R3S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94687A
AMA28XXS SERIES RADIATION TOLERANT DC/DC CONVERTERS
28V Input, Single Output
Description
The AMA28XXS series of DC/DC converter modules has been specifically designed for operation in moderate radiation environments supplementing the higher radiation performance available in the International Rectifier ART2815T converter series. Environments presented to space vehicles operating in low earth orbits, launch boosters, orbiting space stations and similar applications requiring a low power, high performance converter with moderate radiation hardness performance will be optimally served by the AMA28XXS Series. The AMA28XXS has been designed for high density using chip and wire hybrid technology that complies with the class H requirements of MIL-PRF-38534. The physical configuration of the AMA28XXS series permits mounting directly to a heat conduction surface without the necessity of signal leads penetrating the heat sink surface. This package configuration permits greater independence in mounting and more mechanical security than traditional packages. Advanced Analog's rugged ceramic seal pins are used exclusively in the package thereby assuring long term hermeticity. The AMA28XXS has been designed for high density using chip and wire hybrid technology that complies with the class H requirements of MIL-PRF-38534. Finished product will be fabricated in a facility fully qualified to MIL-PRF-38534. The standard processing adopted for the AMA28XXS meets the requirements of MIL-PRF-38534 for class H but with enhanced screening steps and includes element evaluation. Applicable generic lot qualification test data including radiation performance can be made available on request. Variations to the standard screening can be accommodated. Consult IR Santa Clara for special requirements.
AMA Features
n n n n n n n n n n n 5 Watts Output Power Available in 3.3, 5, 12 and 15 Volt Outputs 16 - 40 VDC Input Range (28 VDC Nominal) Total Ionizing Dose > 25KRads (Si) 2 No SEE to LET > 60 MeV-cm /mg -55C to +125C Operating Range Indefinite Short Circuit Protection Flexible Mounting Fully Isolated - Input to Output and to Case Complimentary EMI Filter Available Electrical Performance Similar to ASA28XXS Series
www.irf.com
1
03/02/04
AMA28XXS Series Specifications
Absolute Maximum Ratings
Input Voltage Range Soldering Temperature Storage Case Temperature Input Voltage Range Output Power Operating Case Temperature -0.5V to +50VDC (Continuous), 80V (100ms) 300C for 10 seconds 65C to +135C +16V to +40VDC Less than or equal to 5W -55C to +125C
Recommended Operating Conditions
Static Characteristics -55C TCASE +125C, VIN=28 VDC 5%, CL=0, unless otherwise specified.
Parameter Input Voltage Output Voltage AMA2803R3S AMA2805S AMA2812S AMA2815S AMA2803R3S AMA2805S AMA2812S AMA2815S Output Current 1 AMA2803R3S AMA2805S AMA2812S AMA2815S AMA2803R3S All Others Output Ripple Voltage 2 AMA2803R3S AMA2805S AMA2812S AMA2815S Output voltage Regulation 1 1 1 1 2, 3 2, 3 2, 3 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Vin = 16, 28, 40 Volts 100% Load BW = 20 Hz to 2 MHz Vin = 16, 28, 40 Volts Iout=0
Group A Subgroups
Test Conditions
Min 16 3.25 4.95 11.88 14.85 3.20 4.90 11.76 14.70
Nom 28 3.30 5.00 12.00 15.00
Max 40 3.35 5.05 12.12 15.15 3.40 5.10 12.24 15.30 1200 1000 417 333 3.96 5.00 200 200 200 200
Unit V V V V V V V V V mA mA mA mA W W mVPP mVPP mVPP mVPP
Output Power 1
Vin = 28 Volts, 100% load
1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3
Line Load
1, 2, 3 1, 2, 3
Vin = 16, 28, 40 Volts Iout = 0, 50%, and 100% load
10 10
50 50
mV mV
For Notes to Specifications, refer to page 4
2
www.irf.com
AMA28XXS Series Static Characteristics
Parameter Input Current No Load Inhibit Input Ripple Current 2 Efficiency
(Continued) -55C TCASE +125C, VIN=28 VDC 5%, CL=0, unless otherwise specified.
Group A Subgroups
Test Conditions Vin=28V, Iout=0, Inhibit (pin 5)=open Inhibit (pin 5) shorted to input return (pin 7) Vin = 16, 28, 40 Volts, 100% load, BW = 20 Hz to 2 MHz 100% load
Min
Nom 20 8
Max 50 12
Unit mA mA
1, 2, 3 1, 2, 3
1, 2, 3
100 63 66 71 71 60 66 68 68
mAPP % % % % % % % % M
AMA2803R3S AMA2805S AMA2812S AMA2815S AMA2803R3S AMA2805S AMA2812S AMA2815S
1, 3 1, 3 1, 3 1, 3 2 2 2 2 1 4 Input to output or any pin to case (except pin 8) at 500Vdc No effect on dc performance
Isolation Capacitive Load 3, 4 AMA2803R3S AMA2805S AMA2812S AMA2815S Short Circuit Power Dissipation MTBF Weight
100
500 500 100 100 4
F F F F watts Khrs
1, 2, 3 MIL-HDBK-217F, SF @ Tc=35C 700
32
g
For Notes to Specifications, refer to page 4
www.irf.com
3
AMA28XXS Series Dynamic Characteristics -55C TCASE +125C, VIN=28 VDC 5%, CL=0, unless otherwise specified.
Parameter Short Circuit Recovery 4 Switching Frequency Output Response To Step Transient Load Changes 8
Group A Subgroups
Test Conditions 0% load to 100% load 100% load Load step 50%o 100% Load step 0% o 50%
Min
Nom
Max 25
Unit ms KHz
4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6
500 -450 -750
550
600 +450 +750
mVpk
mVpk
Recovery Time, Step Transient Load Changes 5, 6 AMA2803R3S AMA2805S AMA2812S AMA2815S AMA2803R3S AMA2805S AMA2812S AMA2815S Output Response Transient Step Line Changes 4, 7 AMA2803R3S AMA2805S AMA2812S AMA2815S Recovery Time Transient Step Line Changes 4, 6, 7 Turn On Overshoot 8
4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6
Load step 50%o 100%
300 300 100 100 2000 2000 2000 2000
s s s s s s s s
Load step 0% o 50%
4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6 4, 5, 6
Input step 16 o 40Vdc, 100% load
-450 -550 -750 -750
+450 +550 +750 +750 1200
mV pk mV pk mV pk mV pk s
Input step 16 o 40Vdc, 100% load 0% load 100% load 0% load to 100% load
4, 5, 6 4, 5, 6
600 400 25
mV pk mV pk ms
Turn On Delay 8
4, 5, 6
Notes to Specifications
1 Parameter guaranteed by line and load regulation tests. 2 Bandwidth guaranteed by design. Tested for 20 KHz to 2 MHz. 3 Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn on. 4 Parameter shall be tested as part of design characterization and after design or process changes. Parameters shall be guaranteed to the limit specified in Electrical Specifications. 5 Load step transition time between 2 and 10 microseconds. 6 Recovery time is measured from the initiation of the transient to where V OUT has returned to within 1 % of VOUT at 50 percent load. 7 Input step transition time between 2 and 10 microseconds. 8 Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin while power is applied to the input.
4
www.irf.com
AMA28XXS Series AMA28XXS Block Diagram
1 + O u tput
6 + In put
R e turn 2
H ousekeeping S upply
R e turn 7 E na ble 5
CS
E rror A m p lifier C a se 8
C o n tro lle r
Application Information
Inhibit Function
Connecting the enable input (Pin 5) to input common (Pin 7) will cause the converter to shut down. It is recommended that the enable pin be driven by an open collector device capable of sinking at least 400 A of current. The open circuit voltage of the inhibit input is 10.0 +1 VDC.
EMI Filter
An optional EMI filter is available (AFH461) that will reduce the input ripple current to levels below the limits imposed by MIL-STD-461 CE03.
www.irf.com
5
AMA28XXS Series Standard Process Screening for AMA28XXS Series
Requirement MIL-STD-883 Method /EM Limits Flight (CH+) Limits
Temperature Range Element Evaluation Internal Visual Temperature Cycle Constant Acceleration PIND Burn-in Interim Electrical; @160 hrs Final Electrical (Group A) Read & Record Data PDA (25C, interim to final) Radiographic Inspection Fine & Gross External Visual Per IR Internal Standards 2012 1014 2009 2017 1010 2001 2020 1015 MIL-PRF-38534 & Specification
-55C to +125C 48hrs -55C, +25C, +125C
-55C to +125C MIL-PRF-38534 Yes Condition C Condition A, (3000g) Condition A 320 hrs @ +125C (2 x 160 hrs) -55C, +25C, +125C 2% Yes Condition A, C Yes
Radiation Specification
Parameter Condition Min Typ Max Unit
Total Ionizing Dose Heavy Ion (Single event effects)
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25 60
KRads (Si) MeV*cm /mg
2
BNL Dual Van de Graf Generator
6
www.irf.com
AMA28XXS Series AMA28XXS Case Outline
0.800 0.17 0.400 0.33
0.200
0.170
0.25 Typ O 0.140 x3
5 3 2 1 0.26 Typ
0.880
1.130
6
7
8
0.125 1.130 1.380 1.63
0.030 Dia
Tolerance unless otherwise specified: x.xx 0.010 x.xxx 0.005
Pin Designation
Pin No. 1 2 3 4 5 6 7 8 Designation Positive Output Output Return N/C Blank Enable Positive Input Input Return Case Ground
Part Numbering
AMA 28 05 S / EM
Model Input Voltage
28 = 28V
Screening
Blank = Flight Model (CH+) /EM = Engineering Model
Outputs Output Voltage
03R3 = 3.3V, 05 = 5V 12 = 12V, 15 = 15V S = Single D = Dual
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 03/04
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of AMA2803R3S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X